Part Number Hot Search : 
ET206 EZ1585CM 500RL 815DE 2N7002L LC6543F MC2307 DS3019
Product Description
Full Text Search
 

To Download MBR760 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR735 ~ MBR760
PRV : 35~60 Volts Io : 7.5 Amperes
FEATURES :
* Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering : 250C/10 seconds, 0.25" (6.35mm) from case * Pb / RoHS Free
SCHOTTKY BARRIER RECTIFIER DIODES
TO-220AC
0.154(3.91)DIA. 0.415(10.54)MAX. 0.148(3.74) 0.113(2.87) 0.103(2.62) 0.635(16.13) 0.625(15.87) 1 PIN 1 CASE PIN 2 0.205(520) 0.195(4.95) 0.037(0.94) 0.027(0.68) 0.022(0.56) 0.014(0.36) 2 0.160(4.06) 0.140(3.56) 0.560(14.22) 0.530(13.46) 0.055(1.39) 0.045(1.14) 0.185(4.70) 0.175(4.44)
0.145(3.68) 0.135(3.43) 0.350(8.89) 0.330(8.39)
0.603(15.32) 0.573(14.55)
MECHANICAL DATA :
* Case : JEDEC TO-220AC molded plastic body * Terminals: Plated leads, solderable per MIL-STD-750 Method 2026 * Polarity: As marked * Mounting Position: Any * Weight : 2.24 grams (Approximately)
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS
Maximum Reptitive Peak Reverse Voltage Maximum Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (See Fig. 1) Peak Forward Surg Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage (Note 1) at I F = 7.5 A, T C = 25 C at I F = 7.5 A, T C = 125 C Maximum Reverse Current at Rate Peak Reverse Voltage Typical Thermal Resistance Operating Junction Temperature Range Storage Temperature Range Note :
(1) Pulse test : 300 s pluse width, 1% duty cycle
( Tc = 25 C unless otherwise noted)
SYMBOL MBR735 MBR745 MBR750 MBR760 UNIT
VRRM VRWM VDC IF(AV) IFSM 35 35 35 45 45 45 7.5 150 50 50 50 60 60 60 V V V A A
VF T C = 25 C T
C
0.57
0.75 0.65 0.5 50 3.0 -65 to + 150 -65 to + 175
V
IR IR(H) RJC TJ TSTG
0.1 15
= 125 C
mA C/W C C
Page 1 of 2
Rev. 01 : February 22, 2006
RATING AND CHARACTERISTIC CURVES ( MBR735 ~ MBR760 )
FIG.1 - FORWARD CURRENT DERATING CURVE
7.5
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
6.0
PEAK FORWARD SURGE CURRENT, (A)
AVERAGE FORWARD CURRENT, (A)
120
4.5
MBR735 & MBR745 MBR750 & MBR760
90
3.0
60 TJ =TJmax 8.3 ms single half sine-wave (JEDEC Method)
1.5 Resistive or Inductive Load 0 0 25 50 75 100 125 150 175
30
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10 TJ = 125 C
Pluse Width = 300 s 1% Duty Cycle
INSTANTANEOUS FORWARD CURRENT, (A)
10
TJ = 25 C
INSTANTANEOUS REVERSE CURRENT, (mA)
1.0
MBR735 & MBR745 0.1 MBR750 & MBR760
1.0
MBR735 & MBR745
0.1
MBR750 & MBR760
0.01 TJ = 25 C
0.01 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.001
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Page 1 of 2
Rev. 01 : February 22, 2006


▲Up To Search▲   

 
Price & Availability of MBR760

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X